PART |
Description |
Maker |
DBM-700H |
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
|
ETC[ETC]
|
2001-6101-00 2001-6110-00 2001-6112-00 2001-6113-0 |
SMA Terminations DC-4 GHz, SMA termination DC-18 GHz, SMA termination SMATerminations Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No 0 MHz - 26500 MHz 50 ohm RF/MICROWAVE TERMINATION
|
MA-Com Tyco Electronics TycoElectronics
|
RFP-20-50TPP-S |
0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT, CERAMIC PACKAGE-1 Flangeless Termination 20 Watts, 50
|
Anaren, Inc. Anaren Microwave
|
RFP-60-50TPR-S |
0 MHz - 6000 MHz RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-1 Flanged Termination 60 Watts, 50Ohms
|
Anaren, Inc. Anaren Microwave
|
CM3109-00SB CM3109-00SH |
2.0A Source/Sink Bus Termination Regulator for Front Side Bus and DDR Memory Bus Termination
|
California Micro Devices Corp
|
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PAC1284-03QR PAC1284-04QR PAC1284-06QR PAC1284-01Q |
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK APPLICATION SPECIFIC DIODE ARRAY|SO 特定应用二极管阵列| P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK P /有源符合IEEE 1284支持ECP / EPP终端网络 PActive IEEE 1284 ECP/EPP Termination Network, ±4kV HBM ESD
|
California Micro Device... Maxim Integrated Products, Inc. California Micro Devices Corporation
|
CHF2010DNP500RXE CHF2010CNP101LXF CHF2010DNP500LXE |
0 MHz - 2000 MHz RF/MICROWAVE TERMINATION 10 W Power RF Chip Termination/Resistor 10 W Power RF Chip Termination/Resistor
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
CMCPCI101TS CMCPCI101 CMCPCI101Q CMCPCI101T |
Compact PCI backplane interface/termination IC CompactPCI Backplane Interface / Termination IC
|
CALMIRCO[California Micro Devices Corp]
|
BTRM-50 |
Termination BNC 50ohm DC to 2000 MHz 0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Mini-Circuits
|
B57621C0223M062 B57621C0103 B57621C0104 B57621C015 |
SMD NTC Thermistors with Sliver Palladium Termination RESISTOR, TEMPERATURE DEPENDENT, NTC, 22000 ohm, SURFACE MOUNT CHIP, 1206 SMD NTC Thermistors with Silver Palladium Termination, Size 1206
|
EPCOS 爱普科斯(中国)投资有限公司
|
CM3107-00SB CM3107-00SH CM3107-00SM CM3107-00SN CM |
2 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications 2.0A Source/Sink Bus Termination Regulator
|
California Micro Device... California Micro Devices Corp
|